PART |
Description |
Maker |
HFCT-5710LP |
HFCT-5710LP · 1.25 GBd SMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Bail-wire delatch HFCT-5710L · 1.25 GBd SMF Small Form Factor Pluggable (SFP) Transceiver for Gigabit Ethernet: Standard delatch
|
Agilent (Hewlett-Packard)
|
HFCT-5611U |
HFCT-5611U · 1.25 Gbd SMF GBIC Transceiver for Extended Link Lengths (80km)
|
Agilent (Hewlett-Packard)
|
HFCT-5805 HFCT-5805A HFCT-5805C HFCT-5805D HFCT-58 |
155 MB/S SINGLE MODE FIBER OPTIC TRANSCEIVER FOR ATM, SONET OC-3/SDH STM-1 HFCT-5805A · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 -40C to 85C Black Case HFCT-5805B · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 0C to 70C Black Case HFCT-5805C · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 -40C to 85C Blue Case HFCT-5805D · 155 Mb/s SMF (15km) 1x9 3.3V Transceiver for ATM, SONET OC-3 0C to 70C Blue Case
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFCT-5941AG HFCT-5941AL HFCT-5941ATG HFCT-5941ATL |
HFCT-5941AG · 2488 Mbit/s SMF (2km) 2x5 SFF LC for SONET/SDH, ATM (OC-48) -40C to 85C: w/o EMI Shield HFCT-5941AL · 2488 Mbit/s SMF (2km) 2x5 SFF LC for SONET/SDH, ATM (OC-48) -40C to 85C: w/ EMI Shield HFCT-5941ATG · 2488 Mbit/s SMF (15km) 2x5 SFF LC SONET/SDH, ATM (OC-48) -20C to 85C: w/o EMI Shield HFCT-5941ATL · 2488 Mbit/s SMF (15km) 2x5 SFF LC SONET/SDH, ATM (OC-48) -20C to 85C: w/ EMI Shield HFCT-5941G · 2488 Mbit/s SMF (2km) 2x5 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/o EMI Shield HFCT-5941L · 2488 Mbit/s SMF (2km) 2x5 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/ EMI Shield HFCT-5941TG · 2488 Mbit/s SMF (15km) 2x5 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/o EMI Shield HFCT-5941TL · 2488 Mbit/s SMF (15km) 2x5 SFF LC SONET/SDH, ATM (OC-48) 0C to 70C: w/ EMI Shield
|
Agilent (Hewlett-Packard)
|
HFBR-5921L HFBR-5923L HFBR-0572 |
Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver HFBR-5921L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x5 SFF PTH Package HFBR-5923L · 2.125/1.0625 GBd 850nm VCSEL 3.3V Transceiver for Fibre Channel/Storage in 2x6 SFF PTH Package HFBR-0572 · Evaluation Kit for SFF PTH Multimode Fibre Channel Applications
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HFBR-5921AL |
Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver HFBR-5921AL · 2.125/1.0625 GBd Transceiver for Fibre Channel/Storage in 2x5 SFF package
|
http:// Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
HFCT-5943AL HFCT-5943ATG |
HFCT-5943AL · 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield, -40C to 85C HFCT-5943ATG · 2488Mb/s Single mode Small Form Factor Transceivers with LC connector No nose shield, -40C to 85C
|
Agilent (Hewlett-Packard)
|
HFCT-5611 HFBR-5601 HFBR-0573 |
HFBR-5601 · Gigabit Interface Converters (GBIC) for Gigabit Ethernet HFCT-5611 · Gigabit Interface Converters (GBIC) for Gigabit Ethernet HFBR-0573 · Evaluation Kit for GBIC Gigabit Ethernet or Fibre Channel Applications
|
Agilent / Hewlett-Packard HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HDMP-0450 |
HDMP-0450 · 1.0625-1.25 GBd Quad Port Bypass Circuit with Signal Detect for FC/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
HDMP-2689 |
HDMP-2689 · 1.0625-2.125 GBd Four Channel General Purpose SerDes for Fibre Channel/Storage Applications
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
HFBR-5602 HFCT-5612 |
HFBR-5602 · Gigabit Interface Converters (GBIC) for Fibre Channel/Storage Applications HFCT-5612 · Gigabit Interface Converters (GBIC) for Fibre Channel/Storage Applications
|
Agilent (Hewlett-Packard)
|
HSDL-S102 HSDL-S100 HSDL-S101 HSDL-S103 |
HSDL-S102 · IrCOMM HSDL-S100 · IrDA Protocol Stack HSDL-S101 · IrOBEX HSDL-S103 · IrTranP
|
Agilent (Hewlett-Packard)
|